ATS-18B-203-C2-R0
AI

The **ATS-18B-203-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. This part is designed to dissipate heat from integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Heatsink Type** | push-pin (Spring Loaded) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 54mm x 54mm |
| **Height** | 20mm |
| **Fin Style** | Straight Fin |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | Approx. 2.4°C/W (at 200 LFM) |
---
### 2. Physical Design Elements
#### A. The Fin Geometry
The "Straight Fin" design is optimized for high-airflow environments (forced convection). The spacing between fins allows air to pass through with minimal pressure drop, maximizing the surface area available for heat transfer.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heatsinks, the **ATS-18B-203-C2-R0** uses a mechanical fastening system:
* **Spring-Loaded Pins:** These provide a consistent, high-force pressure on the component (CPU, GPU, or FPGA).
* **Reliability:** The mechanical connection is more resistant to vibrations and shocks than thermal tape.
* **Pre-drilled Holes:** This part requires specific hole patterns on the PCB for mounting.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the heatsink comes pre-applied with a **Phase Change Material (PCM)** or high-performance thermal pad. This fills the microscopic air gaps between the chip surface and the heatsink base.
---
### 3. Application Use Cases
This specific part is generally used in industrial and telecommunications hardware:
* **Network Switches:** Cooling high-speed processing chips.
* **Embedded Systems:** For industrial computers where vibration might loosen a glued heatsink.
* **Power Supplies:** To manage heat on power MOSFETs or bridge rectifiers.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **18B:** Series/Material designator
* **203:** Specific footprint and fin height code
* **C2:** Thermal performance/Fin density class
* **R0:** Thermal interface material and packaging code
- ⤷
What is the required PCB hole diameter for the ATS-18B-203-C2-R0 push-pins?
- ⤷ How does this heatsink perform under natural convection vs forced airflow?
- ⤷ Are there alternative attachment methods if my PCB lacks mounting holes?