ATS-18B-41-C1-R0
AI

The **ATS-18B-41-C1-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of their "pushPIN™" family, designed for cooling electronic components like CPUs, GPUs, or power transistors.
---
### Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-18B-41-C1-R0 |
| **Heat Sink Type** | Push-Pin (XC-CUT) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 17.5mm |
| **Fin Style** | Square Fin (XC-CUT) |
| **Attachment Type** | Push-Pin (Plastic) |
---
### Key Electronic & Thermal Characteristics
#### 1. Thermal Resistance
This component is designed to dissipate heat efficiently away from a semiconductor. Thermal resistance varies based on airflow:
* **Unducted Flow:** ~10.02 °C/W @ 100 LFM.
* **Ducted Flow:** ~2.00 °C/W @ 200 LFM (Standard measurement).
* *Note: Lower °C/W values indicate better cooling performance.*
#### 2. Material & Finish
* **AL6063 Aluminum:** Provides excellent thermal conductivity (approx. 200 W/m·K) while remaining lightweight.
* **Blue Anodized:** This finish isn't just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiant heat transfer.
#### 3. Attachment Mechanism (Push-Pin)
The "18B" in the part number indicates the specific spring/pin combination. This mechanical attachment ensures:
* **Consistent Pressure:** Provides uniform contact between the heat sink and the electronic chip.
* **Easy Installation:** Requires pre-drilled holes in the PCB (Printed Circuit Board).
#### 4. Thermal Interface Material (TIM)
The "C1" designation typically refers to the **ATS-PPS-18** attachment and often includes a pre-applied thermal interface material (like a phase-change material or high-performance thermal grease) on the base to fill microscopic air gaps between the heat sink and the chip.
---
### Applications
* **Microprocessors:** Cooling CPUs in embedded systems.
* **Power Electronics:** Dissipating heat from VRMs (Voltage Regulator Modules).
* **Telecommunications:** Cooling FPGA or ASIC chips in networking gear.
- ⤷
What are the PCB hole requirements for the ATS-18B-41-C1-R0?
- ⤷ How does 'Ducted' vs 'Unducted' airflow affect this heat sink's performance?
- ⤷ Are there alternative finishes for this heat sink if blue anodized is not preferred?