ATS-18B-47-C3-R0
AI

The **ATS-18B-47-C3-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" series, designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
Below are the primary technical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-18B-47-C3-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 40mm x 40mm x 30mm |
| **Thermal Resistance** | 2.30° C/W (at 200 LFM) |
| **Pressure Drop** | 0.15 inH2O (at 200 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design & Construction
* **Material:** The unit is made from high-grade aluminum. The **Blue Anodized** finish is not just for aesthetics; it provides protection against corrosion and slightly increases emissivity for better radiative heat transfer.
* **maxiFLOW™ Geometry:** The design features a tapered fin structure. This increases the surface area for heat dissipation while maintaining a low pressure drop, making it efficient in forced-air environments (using fans).
* **Attachment System:** It uses the **pushPIN™** system. This consists of a brass or plastic pin with a high-performance compression spring. This ensures a precise, secure, and repeatable mounting force on the chip, which is critical for maintaining contact with the thermal interface material (TIM).
---
### 3. Part Number Breakdown
The suffixing in the part number provides specific manufacturing details:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **18B:** Part of the 18 Series family.
* **47:** Size/Height configuration.
* **C3:** Specific thermal performance or density rating.
* **R0:** RoHS compliant (lead-free and environmentally safe).
---
### 4. Application Use Cases
This heat sink is typically found in:
1. **Networking Hardware:** Routers, switches, and base stations where high-speed processors generate significant heat.
2. **Embedded Computing:** Industrial PCs where space is limited but thermal loads are high.
3. **Power Supplies:** Cooling MOSFETs or power ICs.
---
- ⤷
What is the specific thermal interface material (TIM) recommended for this heat sink?
- ⤷ How does the pushPIN™ attachment compare to adhesive-based mounting?
- ⤷ What is the weight of the ATS-18B-47-C3-R0 for vibration testing purposes?