ATS-18B-55-C3-R0
AI

The **ATS-18B-55-C3-R0** is a high-performance electronic thermal management component. Specifically, it is an **Advanced Thermal Solutions (ATS)** aluminum heat sink designed for cooling integrated circuits (ICs) and other electronic surface-mount components.
---
### 1. Technical Specifications
The part number encodes specific dimensions and material properties. Below is a breakdown of its core characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Push-Pin Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Brass, 2-Piece) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T412 (Chomerics) |
---
### 2. Physical Design and Functionality
The design focuses on maximizing surface area while maintaining a low profile for space-constrained PCB layouts.
* **Straight Fin Design:** This architecture is optimized for **forced air cooling** (airflow from a fan). The gaps between the fins allow air to pass through linearly, stripping heat away from the aluminum surface.
* **Thermal Interface Material (TIM):** The "T412" designation indicates a pre-applied phase-change material or adhesive tape. This fills microscopic air gaps between the chip and the heat sink to ensure maximum heat transfer.
* **Push-Pin Mounting:** Unlike adhesive-only heat sinks, this part uses mechanical fasteners (Push-Pins). This provides consistent pressure across the chip surface and ensures the heat sink remains attached during high-vibration or high-shock environments.
---
### 3. Thermal Performance Data
Performance is measured by thermal resistance ($^\circ C/W$). A lower number indicates better heat dissipation.
| Airflow Velocity (LFM) | Thermal Resistance ($^\circ C/W$) |
| :--- | :--- |
| **200 (1.0 m/s)** | 4.84 |
| **300 (1.5 m/s)** | 3.43 |
| **400 (2.0 m/s)** | 2.77 |
| **600 (3.0 m/s)** | 2.08 |
---
### 4. Application Use Cases
This specific model is typically used for cooling:
* **BGA (Ball Grid Array) Chips:** Common in networking equipment.
* **FPGAs & Microprocessors:** In industrial or telecommunications hardware.
* **Power Management Units:** Where height is limited to 10mm.
- ⤷
How do I calculate if this heat sink is sufficient for a chip with 15W TDP?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes for heat sinks?
- ⤷ Are there alternative mounting options if my PCB does not have push-pin holes?