ATS-18B-71-C3-R0
AI

### Technical Overview of ATS-18B-71-C3-R0
The **ATS-18B-71-C3-R0** is a specific electronic component belonging to the **Thermal Management** category. It is a high-performance heat sink designed by **Advanced Thermal Solutions (ATS)**, primarily used for cooling integrated circuits (ICs) and other heat-generating surface-mount components.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Push-Pin Heat Sink (Straight Fin) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) with Compression Spring |
| **Thermal Resistance** | 6.77° C/W @ 100 LFM (Linear Feet per Minute) |
| **Dimensions** | 45.00mm x 45.00mm |
| **Height** | 30.00mm |
---
### 2. Design and Construction
#### Thermal Interface Material (TIM)
The "C3" suffix in the part number indicates the presence of a **Phase Change Material (PCM)**. This is a pre-applied thermal pad that melts and fills microscopic air gaps between the heat sink and the chip surface once the operating temperature is reached, ensuring maximum heat transfer efficiency.
#### Attachment Mechanism (Push-Pin)
The "R0" designation refers to the mounting hardware. This model uses a **Plastic Push-Pin** system:
* **Ease of Assembly:** Allows for quick installation without the need for tools.
* **Constant Pressure:** The integrated springs ensure consistent contact pressure between the heat sink and the component, which prevents damage and maintains thermal performance.
#### Fin Geometry
It utilizes a **Straight Fin** design. This is optimized for systems with a clear, directional airflow (unidirectional). The vertical fins allow air to pass through the length of the heat sink, carrying heat away via convection.
---
### 3. Electronic Applications
This part is typically found in the following environments:
* **Telecommunications:** Cooling high-speed processors in routers and switches.
* **Computing:** Heat dissipation for chipsets, GPUs, or power-dense FPGAs.
* **Industrial:** Protection of power modules in automated control systems.
---
### 4. Thermal Performance Comparison
The effectiveness of this heat sink depends heavily on the airflow (LFM) provided by the system fans:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 6.77 |
| 300 (Moderate) | 2.50 |
| 500 (High) | 1.80 |
- ⤷
What are the specific hole patterns required on a PCB to mount this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to raw aluminum?
- ⤷ Can the plastic push-pins be replaced with brass or steel versions for high-vibration environments?