ATS-18B-74-C3-R0
AI

The **ATS-18B-74-C3-R0** is a specific part number for a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components such as CPUs, GPUs, and power modules.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 15.0mm |
| **Thermal Resistance** | 8.80 °C/W @ 200 LFM |
| **Thermal Interface Material** | T412 (Phase Change Material) |
---
## Electronic & Physical Breakdown
### 1. Attachment Mechanism (Push-Pin)
The "R0" suffix indicates the assembly includes a **brass/plastic push-pin** mechanism. These pins are spring-loaded, providing a consistent pressure (compression) against the semiconductor surface, which ensures optimal heat transfer without over-tightening.
### 2. Thermal Interface Material (TIM)
This part comes pre-applied with **T412**. This is a high-performance phase-change material that fills microscopic air gaps between the heat sink and the electronic chip, significantly reducing thermal resistance compared to dry mounting.
### 3. Cooling Performance (Thermal Resistance)
The efficiency of the heat sink is measured by its ability to dissipate heat into the air:
* **Natural Convection:** ~8.80 °C/W.
* **Forced Air (Low Flow):** Performance improves significantly as air velocity (LFM) increases, making it suitable for server racks or fan-cooled enclosures.
---
## Naming Convention Analysis
The part number follows the ATS internal coding system:
| Part Segment | Meaning |
| :--- | :--- |
| **ATS-18B** | Series identifier (Push-Pin Aluminum) |
| **74** | Specific fin geometry and dimensions |
| **C3** | Finish (Blue Anodized) |
| **R0** | RoHS Compliant and specific hardware version |
---
## Common Applications
* **BGA Cooling:** Used for Ball Grid Array processors that generate moderate heat.
* **Power Supplies:** Cooling voltage regulators (LDOs/Buck converters).
* **Embedded Systems:** Ideal for space-constrained industrial PC boards.
- ⤷
What are the mounting hole size requirements for this heat sink?
- ⤷ Does this model support custom fan attachments?
- ⤷ How does blue anodization affect the thermal performance compared to black anodization?