ATS-18B-80-C3-R0
AI

The **ATS-18B-80-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed for cooling high-power electronic components like CPUs, GPUs, and ASICs.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-18B-80-C3-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Brass Pins) |
| **Spring Type** | Compression Springs (Steel) |
| **Thermal Resistance** | 1.92°C/W (at 200 LFM) |
| **Overall Dimensions** | 36.83mm x 36.83mm |
| **Height** | 25.00mm |
| **Fin Style** | maxiFLOW (Tapered Fin) |
---
## 2. Key Components & Construction
### A. Fin Geometry (maxiFLOW™)
The "maxiFLOW" design uses a **tapered fin** structure. This geometry is engineered to maximize surface area while minimizing pressure drop. This is crucial in high-density electronic enclosures where airflow may be restricted.
### B. Attachment Mechanism: pushPIN™
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN** system:
* **Reliability:** Ensures consistent pressure between the heat sink and the electronic component (IC).
* **Pre-Drilled Holes:** Requires specific hole patterns on the PCB for mounting.
* **Spring-Loaded:** The compression springs provide a calculated force to ensure optimal thermal contact without damaging the chip.
### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the unit comes pre-applied with a **Phase Change Material** or high-performance thermal pad. This eliminates the need for manual application of thermal paste during assembly.
---
## 3. Thermal Performance Metrics
Thermal resistance indicates how efficiently the heat sink moves heat away from the component. Performance varies based on the airflow velocity (LFM - Linear Feet per Minute):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 m/s (200 LFM) | 1.92 |
| 1.5 m/s (300 LFM) | 1.50 |
| 2.0 m/s (400 LFM) | 1.30 |
| 3.0 m/s (600 LFM) | 1.05 |
---
## 4. Part Number Breakdown
The nomenclature follows a specific logic:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **18B:** Specific series/form factor.
* **80:** Pin and Spring configuration code.
* **C3:** Material and Finish (Blue Anodized Aluminum).
* **R0:** Thermal Interface Material (TIM) type and revision.
---
- ⤷
What is the recommended PCB hole pattern for the pushPIN mounting system?
- ⤷ How does blue anodization affect the thermal emissivity of the heat sink?
- ⤷ Can this heat sink be used with a custom fan shroud for directed airflow?