Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-18B-85-C1-R0

  • AI
    ## ATS-18B-85-C1-R0 Technical Overview The **ATS-18B-85-C1-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for cooling electronic components such as processors, chipsets, and GPUs. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Product Type** | Heat Sink | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Thermal Resistance (Flowing)** | 22.90 °C/W @ 100 LFM | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm | | **Pitch / Fin Type** | Fine Pitch / Straight Fin | --- ### 2. Component Analysis #### A. The pushPIN™ Attachment System This part utilizes a specific mounting mechanism that includes: * **Brass Push Pins:** Designed to securely fasten the heat sink to the PCB. * **Compression Springs:** These provide precise, even pressure across the interface to ensure maximum heat transfer without damaging the electronic component. * **Compatibility:** Pre-drilled for specific hole patterns (20mm pitch for this model). #### B. Thermal Interface Material (TIM) The "R0" suffix indicates that the heat sink comes pre-applied with **ATS-PPS-01**, a high-quality thermal interface material. This eliminates the need for manual thermal paste application and ensures a consistent bond between the chip and the aluminum base. #### C. Fin Geometry * **Straight Fin Design:** Optimized for linear airflow. * **Material (AL6063):** Chosen for its excellent thermal conductivity and lightweight properties. --- ### 3. Thermal Performance (Deg C/W) | Air Velocity | 100 LFM | 200 LFM | 300 LFM | 400 LFM | 500 LFM | | :--- | :--- | :--- | :--- | :--- | :--- | | **Unducted Flow** | 22.90 | 13.60 | 9.00 | 7.00 | 5.90 | | **Ducted Flow** | 8.20 | 5.40 | 4.60 | 4.10 | 3.80 | --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS-18** | Series Identifier | | **B** | Material Code (Aluminum) | | **85** | Specific Fin/Product Configuration | | **C1** | Blue Anodized Finish | | **R0** | Thermal Interface Material (ATS-PPS-01) Included |
    ✨ Follow-up Questions
    • ⤷ What is the hole pattern spacing required on the PCB for this heat sink?
    • ⤷ Can this heat sink be used with a fan for active cooling?
    • ⤷ What are the advantages of the Blue Anodized finish over a plain finish?