ATS-18B-88-C2-R0
AI

The **ATS-18B-88-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and electronic application characteristics.
---
### ## Technical Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18B-88-C2-R0 |
| **Heat Sink Type** | Push-Pin (Standard Attachment) |
| **Fin Style** | Straight Fin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 6.67°C/W (at 200 LFM) |
---
### ### Core Electronic Components & Features
The design of the ATS-18B-88-C2-R0 focuses on efficient heat dissipation for Surface Mount Technology (SMT) components like CPUs, GPUs, or power transistors.
#### 1. Push-Pin Attachment Mechanism
This part uses a specific **push-pin and spring assembly**.
* **Purpose:** Provides a consistent, high-pressure contact between the heat sink and the electronic component.
* **Advantage:** Prevents the heat sink from shifting during mechanical shock or vibration, ensuring constant thermal conductivity.
#### 2. Material and Conductivity
* **Aluminum Construction:** Offers a high thermal conductivity-to-weight ratio, which is essential for weight-sensitive PCB designs.
* **Blue Anodized Coating:** This is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiation cooling.
#### 3. Thermal Performance (Airflow)
The effectiveness of this part depends heavily on the linear feet per minute (LFM) of airflow within the electronic enclosure:
* **Natural Convection:** ~10.0°C/W
* **Forced Air (200 LFM):** ~6.67°C/W
* **Forced Air (500 LFM):** ~3.50°C/W
---
### ### Physical Dimensions
To ensure compatibility with an electronic PCB layout, the physical footprint is critical:
| Dimension | Measurement |
| :--- | :--- |
| **Length/Width** | 35.00mm x 35.00mm |
| **Height** | 25.00mm |
| **Pin Pitch** | 43.00mm |
---
### ### Typical Applications
This specific heat sink is commonly found in:
* **Telecommunications:** Cooling of high-speed networking chips.
* **Industrial PC:** Thermal management for embedded processors.
* **Power Supplies:** Heat dissipation for MOSFETs or bridge rectifiers.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate if the 6.67°C/W thermal resistance is sufficient for my specific chip?
- ⤷ Are there specific PCB hole requirements for the push-pin attachment of this model?