ATS-18D-01-C3-R0
AI

The **ATS-18D-01-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient heat dissipation in integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 25.35°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height** | 10.00 mm |
| **Pitch (Hole Spacing)** | 33.00 mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
---
### 2. Key Electronic Components & Design
The "Electronic" functionality of this part is passive, focusing on heat transfer mechanisms:
* **Heat Sink Base:** The 40x40mm aluminum base is designed to sit directly on the electronic component (CPU, FPGA, or MOSFET).
* **Thermal Interface Material (TIM):** This specific model typically uses **T412**, a high-quality thermal tape or grease interface that ensures there are no air gaps between the chip and the heat sink.
* **Fin Design:** It uses a high-density fin pattern to increase the surface area, allowing air from system fans to carry away heat more effectively.
* **Push-Pin Mounting:** Unlike adhesive-only sinks, the push-pin system uses a brass component and a stainless steel spring to provide consistent pressure, ensuring reliable thermal contact even during mechanical vibration.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by ATS:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **18** | Series Identifier |
| **D** | Material/Attachment Style |
| **01** | Specific Fin Design/Layout |
| **C3** | Thermal Interface Material (T412) |
| **R0** | RoHS Compliance and Revision |
---
### 4. Application Use-Cases
This component is commonly found in the following electronic environments:
* **Telecommunications:** Cooling of high-speed network processors.
* **Embedded Systems:** Industrial PCs where space is limited (10mm height).
* **Power Electronics:** Managing heat for voltage regulators and power converters.
- ⤷
What are the airflow requirements to achieve the optimal 5.97\u00b0C/W thermal resistance?
- ⤷ Does this model support different attachment springs for high-vibration environments?
- ⤷ Can the T412 thermal interface material be replaced with a phase-change material?