ATS-18D-02-C2-R0
AI

The **ATS-18D-02-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 18.32°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 12.7mm |
| **Fin Configuration** | Fine Pitch (maxiFLOW) |
---
### 2. Key Electronic Features
#### A. Thermal Management Efficiency
The "maxiFLOW" design features a high-density fin structure that increases the surface area for heat dissipation. In electronics, this prevents **thermal throttling** and extends the lifespan of semiconductor components by maintaining low junction temperatures.
#### B. pushPIN™ Attachment System
Unlike adhesive tapes that can fail under high vibration or heat cycles, this part uses a mechanical **pushPIN™** system.
* **Spring-loaded:** Ensures consistent pressure (clamping force) for optimal thermal interface material (TIM) performance.
* **Reliability:** Ideal for high-vibration environments like industrial servers or telecommunications hardware.
#### C. Material Properties
* **Aluminum Construction:** Offers a lightweight solution with high thermal conductivity.
* **Blue Anodized Coating:** Provides corrosion resistance and electrical insulation properties to the surface of the sink.
---
### 3. Applications
This specific heat sink is commonly found in the following electronic sectors:
1. **Telecommunications:** Cooling high-speed networking chips.
2. **Data Centers:** Managing thermals in rack-mounted server components.
3. **Industrial Controls:** Protecting processors in harsh environmental conditions.
---
### 4. Part Number Breakdown
The nomenclature provides specific details about the component:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **18D:** Series/Size family.
* **02:** Specific height or configuration variant.
* **C2:** Material/Finish code (typically refers to Blue Anodized).
* **R0:** Revision or packaging code.
- ⤷
What are the compatible thermal interface materials (TIM) for this heat sink?
- ⤷ How do I calculate the required airflow for this thermal resistance?
- ⤷ Does this heat sink come with the pushPIN springs included?