ATS-18D-04-C2-R0
AI

The **ATS-18D-04-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for cooling integrated circuits (ICs) and other PCB components.
---
### 1. Technical Specifications
The following table outlines the mechanical and thermal properties of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Flowing)** | 11.58 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 2.69 °C/W @ 400 LFM |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 20.00mm |
| **Pitch** | Fine Pitch |
---
### 2. Electronic Application & Usage
This part is used in electronic systems to dissipate heat from power-hungry components. Common applications include:
* **CPUs/GPUs:** Small form-factor processors.
* **FPGAs & ASICs:** High-speed logic chips that generate significant heat.
* **Power Supplies:** Regulators and converters.
---
### 3. Key Features
1. **High-Efficiency Fin Design:** The "Fine Pitch" fin pattern provides a large surface area for heat exchange while maintaining a compact footprint.
2. **PushPIN™ Mounting:** This features a pre-assembled spring-loaded mechanism. This ensures consistent pressure (TIM - Thermal Interface Material compression) on the chip, which is critical for efficient heat transfer.
3. **Material Science:** The aluminum construction offers a balance between lightweight design and high thermal conductivity. The blue anodized finish provides corrosion resistance and increased emissivity.
4. **Pre-applied TIM:** Usually comes with a high-performance thermal interface material (phase change or grease) to ensure no air gaps exist between the component and the heat sink.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **18:** Series/Body style
* **D:** Material/Feature code
* **04:** specific footprint/fin configuration
* **C2:** Thermal performance/TIM type
* **R0:** Revision/Packaging code
- ⤷
What are the different mounting options for pushPIN heat sinks?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this part?
- ⤷ Is this heat sink compatible with standard BGA chip sizes?