ATS-18D-07-C3-R0
AI

The **ATS-18D-07-C3-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **heat sink** designed for cooling integrated circuits (ICs), particularly BGA (Ball Grid Array) components.
---
## 1. Core Specifications
The part number follows a specific nomenclature that defines its dimensions, thermal resistance, and mounting style.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Category** | Passive Cooling / Heat Sinks |
| **Fin Style** | Push-Pin (Straight Fin) |
| **Material** | Aluminum (Black Anodized) |
| **Base Dimensions** | 45.00mm x 45.00mm |
| **Height** | 12.70mm |
| **Attachment Method** | Push-Pin with Brass Spring |
---
## 2. Thermal Performance
The primary function of this part is to dissipate heat away from a semiconductor. The effectiveness is measured by **Thermal Resistance** (°C/W); the lower the value, the better the cooling.
* **Airflow at 200 LFM (Linear Feet per Minute):** ~1.70°C/W
* **Airflow at 500 LFM:** ~1.10°C/W
* **Heat Transfer:** Designed for high-velocity airflow environments (server racks, industrial controllers).
---
## 3. Mounting Mechanism (Push-Pin)
One of the defining "electronic parts" of this assembly is the mounting hardware. Unlike adhesive-based heat sinks, the `-R0` suffix indicates a mechanical attachment:
1. **Push-Pins:** Molded plastic pins that snap into pre-drilled holes on the PCB (Printed Circuit Board).
2. **Compression Springs:** Provides consistent pressure (clamping force) on the chip to ensure maximum contact with the thermal interface.
3. **TIM (Thermal Interface Material):** Usually comes pre-applied with **T766** phase-change material or similar, which fills microscopic gaps between the chip and the aluminum base.
---
## 4. Part Number Breakdown
Understanding the code helps in selecting substitutes:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer Prefix |
| **18D** | Series (Push-Pin Style) |
| **07** | Specific height/dimension code |
| **C3** | Thermal Interface Material (TIM) type |
| **R0** | Revision / Packaging indicator |
---
### Application Usage
This component is typically found in:
* **Networking:** Routers, switches, and gateways.
* **Computing:** High-speed processors and FPGAs.
* **Power Electronics:** Voltage regulators requiring compact heat dissipation.
- ⤷
What are the PCB hole requirements for the ATS-18D-07-C3-R0 push-pins?
- ⤷ How does this heat sink compare to a passive fin-fan assembly?
- ⤷ Can the thermal interface material on this part be replaced if it dries out?