ATS-18D-134-C2-R0
AI

The **ATS-18D-134-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for efficient cooling of electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
The part number provides specific details about the dimensions, material, and attachment method.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 70mm x 70mm |
| **Height (Fin Height)** | 15mm |
| **Attachment Type** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 4.44°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Key Components & Design
This electronic cooling part consists of three primary elements:
1. **The Heat Sink Body:** Large 70x70mm aluminum base with straight fins. The large surface area is designed for maximum heat dissipation via convection.
2. **Push-Pin Mechanism:** This part uses a brass push-pin system. This allows for secure attachment to the PCB (Printed Circuit Board) through pre-drilled holes, ensuring consistent pressure on the heat source.
3. **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the component and the heat sink to improve heat transfer.
---
### 3. Thermal Performance Profile
The effectiveness of this heat sink depends on the airflow (measured in Linear Feet per Minute - LFM) within the electronic enclosure.
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 4.44 |
| **400 (2.0 m/s)** | 3.10 |
| **600 (3.0 m/s)** | 2.58 |
---
### 4. Common Applications
* **Networking Gear:** Switches and routers where high-speed chips generate significant heat.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling voltage regulators or power transistors.
---
- ⤷
What are the PCB hole diameter requirements for the brass push-pins?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?
- ⤷ How does 'Blue Anodized' finishing affect the thermal performance compared to bare aluminum?