ATS-18D-145-C2-R0
AI

The **ATS-18D-145-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "superGRIP" series, designed specifically for cooling electronic components like BGA (Ball Grid Array) packages.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | superGRIP™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 30.00mm x 30.00mm |
| **Height** | 25.00mm |
| **Thermal Resistance** | 2.91°C/W (at 200 LFM) |
| **Attachment Method** | Clip-on (superGRIP Frame) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Design Characteristics
This component is engineered for modern high-density PCB layouts where space is limited and thermal loads are high.
* **Fins:** It features a **Straight-Fin** design. This allows for optimal airflow in a single direction, making it highly efficient when placed in the path of a system fan.
* **Attachment Mechanism:** The `superGRIP` technology uses a plastic frame clip that attaches to the component without requiring holes in the PCB. This prevents mechanical stress on the solder joints.
* **Thermal Interface Material (TIM):** It comes with **T766** phase-change material pre-applied. This ensures low thermal resistance between the chip surface and the aluminum base.
---
### 3. Application Use Cases
The ATS-18D-145-C2-R0 is typically used for cooling the following electronic parts:
1. **Microprocessors/CPUs:** Low-power embedded processors.
2. **FPGAs (Field Programmable Gate Arrays):** High-speed logic chips that generate significant heat.
3. **ASICs:** Application-specific integrated circuits in networking or telecommunications equipment.
4. **GPUs:** Small-scale graphics or image processors.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 2.91 |
| 400 | 2.0 | 1.93 |
| 600 | 3.0 | 1.55 |
---
- ⤷
What are the advantages of the superGRIP attachment method over traditional push-pins?
- ⤷ How does the blue anodized finish affect the thermal performance of this heat sink?
- ⤷ Can this heat sink be used with components larger than 30mm x 30mm?