ATS-18D-157-C2-R0
AI

The **ATS-18D-157-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** heat sink assembly series, designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 30.00mm |
| **Material** | Aluminum (AL6063) |
| **Fin Style** | Straight Fin |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Unducted)** | 3.35 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.99 °C/W @ 100 LFM |
---
### 2. Breakdown of the Model Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS:** Manufacturer prefix (Advanced Thermal Solutions).
* **18D:** Series identification.
* **157:** Specific model/size reference (40mm square).
* **C2:** Material/Finish code (typically refers to Aluminum with a Blue Anodize).
* **R0:** Revision code or packaging indicator.
---
### 3. Key Electronic/Mechanical Features
#### A. Attachment Mechanism (pushPIN™)
The "pushPIN™" system uses a flexible spring-loaded mechanism. This is superior to standard adhesive tapes because:
* It provides **consistent pressure** across the component, improving thermal transfer.
* It allows for **easy installation and removal** without damaging the PCB.
* The springs are available in various tensions to meet specific mechanical requirements.
#### B. Thermal Performance
The "Straight Fin" design is optimized for high-performance cooling. The **Blue Anodized** finish is not just for aesthetics; it provides a protective layer against corrosion and slightly improves radiant heat emission.
#### C. Component Compatibility
Because of its 40mm x 40mm footprint, it is commonly used for:
1. **Network Switches/Routers:** Cooling high-speed processors.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
---
### 4. Thermal Resistance Reference
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **°C/W (Unducted)** | 3.35 | 2.02 | 1.62 | 1.41 | 1.28 |
---
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ Does this heat sink come with pre-applied thermal interface material (TIM)?
- ⤷ What are the specific hole patterns required on the PCB for the pushPIN attachment?