ATS-18D-17-C2-R0
AI

The **ATS-18D-17-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "pushPIN™" series, designed for cooling electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 15.44 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.18 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Pitch / Fin Pattern** | Fine Pitch (COARSE-PITCH) |
---
### 2. Electronic Component Breakdown
#### A. Thermal Management (Heat Dissipation)
This part is a **passive cooling** component. In electronics, heat is the primary cause of component failure. The ATS-18D-17-C2-R0 increases the surface area of the heat-generating chip, allowing ambient air to carry the thermal energy away via convection.
#### B. The pushPIN™ System
Unlike adhesive tapes or simple clips, the "pushPIN" mechanism used here ensures:
* **Constant Pressure:** A high-performance compression spring provides uniform pressure across the Thermal Interface Material (TIM).
* **Reliability:** It prevents the heatsink from shifting during mechanical shock or vibration.
#### C. Thermal Interface Material (TIM)
The **"C2"** in the part number indicates that this unit comes pre-applied with **ATS-PPS-02** thermal grease. This is a critical "electronic part" of the assembly that fills microscopic air gaps between the semiconductor and the aluminum heatsink to improve heat transfer.
---
### 3. Application Use Cases
This specific heatsink is typically found in:
1. **Telecommunications:** Cooling high-speed networking chips.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Voltage regulators and power converters that require compact but efficient cooling.
---
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I choose between different pushPIN spring strengths for this heatsink?
- ⤷ Can the blue anodized finish be customized for specific conductivity requirements?