ATS-18D-173-C2-R0
AI

The **ATS-18D-173-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and surface-mount devices.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 4.72°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Physical Dimensions
Precision measurements are critical for PCB layout and clearance planning.
* **Length (A):** 30.00 mm
* **Width (B):** 30.00 mm
* **Height (C):** 30.00 mm
* **Pitch (E):** 35.00 mm (Distance between push-pins)
* **Weight:** ~46 grams
---
## 3. Key Electronic Design Features
### A. pushPIN™ Attachment
Unlike adhesive tapes that can fail under high heat or vibration, this part uses a mechanical push-pin system. This ensures consistent pressure across the component surface, which optimizes thermal transfer.
### B. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a high-performance phase-change material or grease that fills microscopic air gaps between the chip and the heat sink base, significantly reducing thermal impedance.
### C. Fin Profile (Cross-Cut)
The "173" designation refers to a specific fin pattern. This heat sink uses a **cross-cut** or "pin fin" style design. This allows for multi-directional airflow, making it effective in systems where the cooling fan direction might vary or where airflow is turbulent.
### D. Material Conductivity
Constructed from **Aluminum 6063**, the part balances high thermal conductivity with low weight, preventing mechanical stress on the PCB.
---
## 4. Usage Considerations
To implement this part in an electronic design, engineers must ensure:
1. **Hole Pattern:** The PCB must have two 3.0mm holes spaced 35.00mm apart to accommodate the push-pins.
2. **Vertical Clearance:** A 30mm height is relatively tall for low-profile server blades; ensure there is no mechanical interference with chassis lids.
3. **Airflow Velocity:** Performance improves drastically as LFM (Linear Feet per Minute) increases. At 100 LFM the resistance is 4.72°C/W, but it drops significantly at 400+ LFM.
- ⤷
How does the 'C2' designation in the part number affect the pricing and material?
- ⤷ What are the specific advantages of using push-pins over thermal adhesive for this heat sink?
- ⤷ Is the T766 thermal interface material suitable for high-power processors exceeding 50W?