ATS-18D-183-C2-R0
AI

The **ATS-18D-183-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The part number provides specific details about its dimensions, material, and thermal performance.
| Specification | Detail |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Attachment Method** | Push Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Fin Style** | Straight Fin |
---
### 2. Thermal Resistance Performance
Thermal resistance indicates how effectively the heat sink dissipates heat into the surrounding air. Lower values represent better cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Unducted (200 LFM)** | 5.37 |
| **Unducted (400 LFM)** | 2.85 |
| **Unducted (600 LFM)** | 2.11 |
---
### 3. Key Electronic/Mechanical Features
* **Push Pin Attachment:** Unlike adhesive-based heat sinks, this uses a spring-loaded push pin mechanism. This ensures consistent pressure across the chip surface, improving heat transfer and reliability in high-vibration environments.
* **Blue Anodized Coating:** The anodized surface is not just for aesthetics; it increases the surface emissivity and protects the aluminum from corrosion.
* **Pre-applied TIM:** It comes with **T766 thermal phase-change material**. This simplifies the assembly process on a production line and ensures an even layer of thermal interface between the component and the heat sink.
* **Fine Pitch Fins:** The straight-fin design is optimized for environments where there is a dedicated fan or directional airflow (forced convection).
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** High-speed routers and switches.
* **Power Electronics:** Cooling MOSFETs or power regulators.
* **Computing:** Secondary cooling for chipsets or peripheral processors.
- ⤷What is the hole pattern requirement for installing the push pins on a PCB?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Are there alternative fin designs for this model if I have low airflow?