ATS-18D-201-C2-R0
AI

The **ATS-18D-201-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 50mm x 50mm x 10mm |
| **Thermal Resistance** | 8.17°C/W (at 1.0 m/s airflow) |
| **Fin Style** | Straight Fin |
| **Compliance** | RoHS / REACH |
---
### 2. Key Components & Construction
#### A. The Heat Sink Body
* **Material:** Made from **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight.
* **Fin Profile:** Features a **Straight Fin** design. This is optimized for high-performance air cooling where there is a consistent flow of air (forced convection) from a system fan.
* **Coating:** The "C2" in the part number indicates a **Blue Anodized** finish. This coating provides corrosion resistance and increases surface emissivity, slightly improving radiation cooling.
#### B. The Attachment System (Push-Pins)
* **Mechanism:** It uses a spring-loaded push-pin mechanism. This ensures a consistent downward pressure (clamping force) on the electronic chip, which is critical for maintaining contact with the thermal interface material.
* **Material:** Usually high-durability plastic pins with stainless steel springs.
#### C. Thermal Interface Material (TIM)
* The **R0** suffix typically denotes that the unit comes pre-applied with **ATS-specific phase-change material** or a high-performance thermal pad. This fills the microscopic air gaps between the chip and the heat sink base to maximize heat transfer.
---
### 3. Electronic Application Use-Case
This part is typically used on high-density Printed Circuit Boards (PCBs) where thermal throttling must be avoided.
* **Primary Goal:** To lower the junction temperature ($T_j$) of a semiconductor.
* **Compatibility:** Designed for holes in the PCB spaced according to specific industry standards (often 43mm or similar diagonal patterns).
---
- ⤷
What are the alternative attachment methods to push-pins for this heat sink?
- ⤷ How do I calculate if the 8.17°C/W thermal resistance is sufficient for my specific chip?
- ⤷ What is the difference between the C1
- ⤷ C2
- ⤷ and C3 finish options in the ATS-201 series?