AI

The **ATS-18D-206-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Below are the primary specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 54mm x 54mm x 10mm |
| **Fin Style** | Fine-Pitch (Straight) |
| **Thermal Resistance** | ~7.71°C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Components & Design Features
#### A. The pushPIN™ Attachment System
The "18D" series utilizes a specialized mounting system that includes:
* **Compression Springs:** These provide precise, uniform pressure across the component surface, ensuring optimal thermal contact.
* **Plastic/Brass Pins:** These pass through pre-drilled holes in the PCB to lock the heat sink in place securely.
#### B. Material and Coating
* **Aluminum Construction:** Offers a balance between lightweight design and high thermal conductivity.
* **Blue Anodization:** This is not just for aesthetics; the anodized coating increases surface emissivity, slightly improving radiative cooling and providing corrosion resistance.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a "Phase Change" or high-performance thermal pad that fills microscopic air gaps between the heat sink and the electronic chip, significantly lowering thermal impedance.
---
### 3. Performance Analysis
The efficiency of the ATS-18D-206-C2-R0 is highly dependent on airflow (measured in Linear Feet per Minute - LFM):
* **Low Airflow (200 LFM):** Resistance drops significantly, allowing the component to handle more power-intensive chips.
* **Thermal Profile:** Because it is only 10mm tall (Low Profile), it is ideal for dense blade servers, 1U rackmount chassis, or small form factor (SFF) electronics where vertical space is limited.
---
### 4. Application Use Cases
1. **Telecommunications:** Cooling of FPGAs and ASICs in networking switches.
2. **Power Electronics:** Dissipating heat from large MOSFET arrays.
3. **Embedded Systems:** Use in industrial PCs where active fan cooling may be limited but passive or ducted airflow is present.
- ⤷
What is the significance of the 'C2' code in the ATS part number?
- ⤷ How do I calculate the required LFM for this heat sink based on my chip's TDP?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes?