ATS-18D-27-C2-R0
AI

The **ATS-18D-27-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for thermal management of electronic components such as CPUs, GPUs, or power modules.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Product Type** | Heat Sink |
| **Mounting Type** | pushPIN™ |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 12.70mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Plastic pushPIN™ with Brass Springs |
| **Thermal Resistance** | 12.24°C/W (Unducted @ 100 LFM) |
---
## 2. Key Features and Design
The ATS-18D-27-C2-R0 belongs to the **pushPIN™** series, which focuses on ease of assembly and high thermal efficiency.
### Heat Sink Geometry
* **Straight Fin Design:** The fins are arranged in a straight pattern to allow for maximum airflow through the sink, which is ideal for systems with clear ducting or high-velocity fans.
* **Low Profile:** With a height of only 12.70mm, this is considered a low-profile heat sink, suitable for 1U servers or slim electronic enclosures.
### Attachment System (pushPIN™)
* **Mechanical Integrity:** Uses a spring-loaded push-pin system. This provides consistent pressure across the interface between the heat sink and the component, ensuring optimal heat transfer.
* **No Tools Required:** The plastic pins are designed for quick installation without the need for specialized tools.
* **Hole Pattern:** Specifically designed for a pre-drilled PCB pattern (usually 63mm pitch for this size).
---
## 3. Thermal Performance Data
Thermal resistance indicates how effectively the part dissipates heat. Lower numbers represent better cooling.
* **@ 100 LFM (0.5 m/s):** 12.24 °C/W
* **@ 300 LFM (1.5 m/s):** 2.49 °C/W
* **@ 500 LFM (2.5 m/s):** 1.63 °C/W
*Note: The performance improves significantly as the airflow (Linear Feet per Minute) increases.*
---
## 4. Part Number Breakdown
Understanding the suffix codes:
* **-27:** Refers to the specific fin design and size category.
* **-C2:** Indicates the material and finish (Aluminum / Blue Anodized).
* **-R0:** Indicates the revision or specific packaging style.
- ⤷
What are the specific PCB hole dimensions required for the pushPIN attachment?
- ⤷ How does the blue anodized finish affect the thermal emissivity of this heat sink?
- ⤷ Is this heat sink compatible with standard Phase Change Material (PCM) thermal pads?