Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-18D-46-C3-R0

  • AI
    The **ATS-18D-46-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Spring-loaded) | | **Dimensions (L x W)** | 25.00mm x 25.00mm | | **Height** | 15.00mm | | **Fin Type** | High-Flow Cross-Cut | --- ### 2. Electronic Thermal Performance Thermal resistance is the most critical electronic characteristic of a heat sink. It determines how effectively heat is moved away from the semiconductor junction. * **Thermal Resistance (Unducted):** 11.87°C/W at 100 LFM (Linear Feet per Minute). * **Thermal Resistance (Ducted):** Higher air velocity significantly improves performance (approx. 2.54°C/W at 700 LFM). * **Purpose:** To prevent "Thermal Throttling" or permanent damage to electronic circuits by maintaining the junction temperature ($T_j$) within safe limits. --- ### 3. Component Breakdown #### A. The Fin Design The "High-Flow" pattern uses a **Cross-Cut** fin design. In electronics, this is superior to straight fins because it allows for multi-directional airflow, making it ideal for compact PCB layouts where the direction of the cooling fan's air may vary. #### B. The Push-Pin Mechanism Unlike adhesive-based heat sinks, the **ATS-18D-46-C3-R0** uses a mechanical push-pin system: * **Reliability:** Ensures constant pressure (force) against the component for optimal thermal contact. * **Pre-Assembled:** Comes with a brass or plastic push-pin and a compression spring. * **TIM (Thermal Interface Material):** Usually comes pre-applied with **T412** or similar high-performance thermal tape/grease to bridge the microscopic air gaps between the chip and the aluminum. --- ### 4. Part Number Decoder Understanding the nomenclature helps in identifying its role in a circuit: * **ATS**: Advanced Thermal Solutions. * **18D**: Series identifier. * **46**: Specific footprint/design code. * **C3**: Material/Finish (Blue Anodized Aluminum). * **R0**: RoHS compliant (lead-free and environmentally safe for global electronic standards). ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the required LFM for this heat sink based on my chip's TDP?
    • ⤷ What is the specific drill hole size required on the PCB for the push-pins?
    • ⤷ Does this model come with pre-applied phase-change material?