ATS-18D-47-C3-R0
AI

The **ATS-18D-47-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **Blue-Anodized "pushPIN™"** series.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 25mm x 25mm |
| **Height** | 30mm |
| **Pitch** | 4.3mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 3.02°C/W (at 200 LFM) |
---
### 2. Design and Construction
The design of this heat sink is optimized for high-density electronic assemblies:
* **Cross-Cut Fin Pattern:** The "47" in the part number refers to a specific fin configuration. The cross-cut design allows for multidirectional airflow, making it efficient in both horizontal and vertical mounting orientations.
* **Push-Pin Attachment:** Instead of messy adhesives or fragile clips, this part uses a mechanical push-pin system. This ensures consistent pressure against the chip for optimal heat transfer and makes it easy to install or remove for maintenance.
* **Pre-Applied Thermal Interface Material (TIM):** This specific model typically comes with **T412** thermal tape or grease already applied to the base, ensuring a low-resistance path between the component and the heat sink.
---
### 3. Electronic Application
This component is typically used to cool integrated circuits (ICs) that generate significant heat during operation. Common applications include:
1. **High-Speed Networking:** Cooling for ASICs and high-speed processors in switches and routers.
2. **Power Electronics:** Thermal management for MOSFETs or power regulators.
3. **Embedded Systems:** Industrial PCs or IoT gateways where space is limited but thermal loads are high.
---
### 4. Part Number Breakdown
Understanding the suffix helps in selecting the correct variant:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **18D:** Series/Type.
* **47:** Specific Fin geometry/count.
* **C3:** Material/Thermal performance grade.
* **R0:** Revision/RoHS compliance status.
- ⤷
What is the significance of the 3.02°C/W thermal resistance rating in a real-world circuit?
- ⤷ How does the pushPIN™ attachment compare to traditional adhesive-based cooling solutions?
- ⤷ What are the specific hole patterns required on the PCB to accommodate this heat sink?