ATS-18D-71-C3-R0
AI

The **ATS-18D-71-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for cooling electronic components like BGA (Ball Grid Array) chips.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Resistance (Flow)** | 1.15 °C/W @ 200 LFM |
| **Thermal Resistance (Static)** | 2.50 °C/W (Unducted) |
| **Weight** | 108 grams |
---
### 2. Design Features
#### A. Fin Pattern (Straight Fin)
This model uses a **straight fin** design. Straight fins provide a low pressure drop and are highly efficient in high-velocity airflow environments (ducted airflow).
#### B. pushPIN™ Attachment
Unlike adhesive tapes or clips, the pushPIN™ system provides several advantages:
* **Constant Pressure:** Ensures a firm interface between the chip and the heat sink for optimal heat transfer.
* **Vibration Resistance:** Securely locks into pre-drilled holes on the PCB.
* **Standard Spacing:** Uses standard hole patterns (usually 38mm or similar depending on the specific assembly) to ensure compatibility.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the heat sink comes with **T412** thermal tape or a pre-applied thermal phase-change material, ensuring high conductivity from the component to the aluminum fins.
---
### 3. Part Number Breakdown (Nomenclature)
To understand the specific configuration, the part number can be decoded as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **18:** Series/Specific internal identifier.
* **D:** Package or specialized mounting type.
* **71:** Specific height/configuration code (30mm).
* **C3:** Finish/Material code (Blue Anodized).
* **R0:** Revision or Thermal Interface Material (TIM) type.
---
### 4. Applications
The ATS-18D-71-C3-R0 is commonly used in:
* **Telecommunications:** Cooling routers and switches.
* **Industrial Computing:** High-power CPUs or FPGAs.
* **Power Supplies:** Managing heat in MOSFET arrays.
- ⤷
What is the hole-to-hole mounting distance for the pushPIN system on this model?
- ⤷ How does the 'C3' anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?