ATS-18D-88-C2-R0
AI

The **ATS-18D-88-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
Below is a breakdown of the physical and thermal characteristics:
| Property | Value / Description |
| :--- | :--- |
| **Material** | Aluminum (Al 6063) |
| **Finish** | Blue Anodized |
| **Dimensions (LxW)** | 35.00 mm x 35.00 mm |
| **Height** | 25.00 mm |
| **Pitch / Pattern** | 40.00 mm (Diagonal / Hole spacing) |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.67 °C/W (at 100 LFM) |
| **Airflow Pattern** | Straight Fin |
---
## 2. Component Analysis
### A. Material and Coating
* **Aluminum 6063:** This alloy is widely used in electronics due to its high thermal conductivity and excellent structural strength.
* **Blue Anodizing:** This chemical treatment increases corrosion resistance and enhances the emissivity of the surface, slightly improving heat dissipation through radiation.
### B. The pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the **ATS-18D-88-C2-R0** uses a specialized mechanical attachment:
* **Springs:** Provides consistent pressure (Force) across the chip surface to ensure an even thermal interface.
* **Brass Bolts/Pins:** These pass through pre-drilled holes in the PCB for a secure, vibration-resistant mount.
### C. Thermal Performance
The "C2" in the part number indicates a specific thermal interface material (TIM) or configuration. This heat sink is designed for **forced air cooling** environments. Its thermal resistance decreases significantly as airflow (measured in Linear Feet per Minute - LFM) increases:
* **@ 100 LFM (0.5 m/s):** 6.67 °C/W
* **@ 700 LFM (3.5 m/s):** 1.33 °C/W
---
## 3. Applications
This part is typically used for cooling:
1. **Processors (CPUs/GPUs):** Small to medium-sized embedded processors.
2. **FPGAs:** Field Programmable Gate Arrays that generate moderate heat.
3. **ASICs:** Application-Specific Integrated Circuits in networking equipment.
4. **Power Electronics:** Transistors and VRMs that require mechanical stability.
---
- ⤷
What is the significance of the 'R0' suffix in this part number?
- ⤷ Can this heat sink be used with a standard thermal paste or does it require a specific pad?
- ⤷ What are the PCB hole diameter requirements for the pushPIN attachment?