ATS-18D-94-C2-R0
AI

The **ATS-18D-94-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 4.49°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height (H)** | 25mm |
| **Pattern** | 48-Fin (High flow design) |
---
### 2. Key Component Features
#### A. The pushPIN™ Attachment System
This part utilizes a specialized mounting mechanism. Instead of relying on messy thermal adhesives, it uses:
* **Compression Springs:** Provide precise pressure to ensure optimal contact with the heat source.
* **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the PCB.
#### B. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Not only provides a professional aesthetic but also adds a layer of corrosion resistance and slightly improves thermal emissivity.
#### C. Fin Geometry
The "94" series typically refers to the **Straight Fin** or **Cross-Cut** design. This allows for:
* **Bidirectional Airflow:** Works well in systems where air might come from different angles.
* **Low Pressure Drop:** Ensures that the cooling fan doesn't have to work excessively hard to push air through the fins.
---
### 3. Thermal Performance Summary
In electronics, thermal resistance ($R_{th}$) determines how effectively the part moves heat away from the silicon.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 4.49 |
| 300 (Moderate) | 1.82 |
| 500 (High) | 1.45 |
---
### 4. Application Use-Cases
This specific heat sink is commonly found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling MOSFETs or IGBT modules.
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required hole size for the pushPIN attachment?
- ⤷ Can this heat sink be used with a custom thermal interface material (TIM)?