ATS-18E-142-C2-R0
AI

The **ATS-18E-142-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Base Dimensions** | 30.00mm x 30.00mm |
| **Height (Fin)** | 15.00mm |
| **Attachment Method** | Push-pin (Plastic or Brass) |
| **Thermal Resistance** | 4.70°C/W (at 200 LFM) |
| **Flow Orientation** | Vertical/Straight Fin |
---
## 2. Key Electronic Functions
While the heat sink itself is passive, its role in an electronic circuit is critical for the following reasons:
### Thermal Dissipation
The "C2" in the part number indicates a specific thermal interface material (TIM) or finish. This part typically comes with a pre-applied **Phase Change Material** or high-performance thermal pad. This ensures that the microscopic gaps between the electronic component (heat source) and the aluminum base are filled, maximizing heat transfer.
### Attachment Mechanism (pushPIN™)
The "18E" designation relates to the attachment style.
* **Compression Springs:** The part uses a spring-loaded push-pin system. This provides a precise amount of downward pressure (clamping force) on the electronic chip, which is vital for optimal thermal conductivity without cracking the silicon die.
* **Stability:** It prevents the heat sink from shifting during mechanical shock or vibration, common in industrial or automotive electronics.
### Airflow Efficiency
The straight-fin design is optimized for systems with a dedicated cooling fan. The fin spacing is calculated to reduce pressure drop while maximizing the surface area exposed to moving air.
---
## 3. Application Use Cases
* **Embedded Systems:** Cooling microcontrollers or FPGAs on dense PCBs.
* **Telecommunications:** Cooling signal processing chips in routers and switches.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators in power supplies.
---
- ⤷
What are the specific mounting hole requirements for the ATS-18E-142-C2-R0 push-pin system?
- ⤷ How does the 'C2' thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in natural convection environments without a fan?