ATS-18E-72-C2-R0
AI

### Overview of ATS-18E-72-C2-R0
The **ATS-18E-72-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is specifically designed for high-density electronic cooling applications where space is limited and thermal efficiency is critical.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18E-72-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 35mm |
| **Thermal Resistance** | 1.30°C/W (at 200 LFM) |
| **Fin Type** | Straight Fin |
---
### Component Breakdown
#### 1. The Heat Sink Body
The physical structure is made from **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The "Straight Fin" design provides a large surface area for heat dissipation, making it ideal for systems with a steady airflow (forced convection).
#### 2. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or tapes, this model uses the **pushPIN™ system**.
* **Springs:** Provides a precise amount of downward pressure (compression) to ensure maximum contact between the chip and the heat sink.
* **Plastic/Brass Push Pins:** Secure the assembly to pre-drilled holes on the Printed Circuit Board (PCB).
#### 3. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with **ATS-PPS-02** thermal grease. This eliminates the need for manual paste application, ensuring a uniform layer that reduces the air gaps between the component and the sink.
#### 4. Blue Anodized Finish
The blue anodization is not just for aesthetics; it provides:
* Increased surface emissivity (improving radiation cooling).
* Corrosion resistance.
* Electrical insulation for the aluminum surface.
---
### Applications
* **Processors (CPUs/GPUs):** For high-heat chips in industrial computers.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
* **Telecommunications:** Cooling FPGA and ASIC chips in rack-mounted servers.
---
- ⤷
What are the specific hole dimensions required on a PCB for the pushPIN system?
- ⤷ How does the thermal resistance of this model change under different airflow conditions (LFM)?
- ⤷ Are there alternative finishes to the Blue Anodized version for different environmental requirements?