ATS-18F-04-C2-R0
AI

The **ATS-18F-04-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other high-heat surface-mount devices.
---
### ## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Thermal Resistance** | 11.55°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 22.86mm |
| **Fin Style** | Straight Fin |
---
### ## Component Analysis
### 1. The Heat Sink Body
The part is made of **Aluminum 6063**, chosen for its excellent thermal conductivity and lightweight properties. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and increases the "emissivity" of the surface, which slightly improves heat dissipation through radiation.
### 2. Attachment Mechanism (Push Pins)
The "04" and "C2" codes in the part number refer to the attachment hardware.
* **Push Pins:** Uses flexible plastic pins that snap into pre-drilled holes on the Printed Circuit Board (PCB).
* **Springs:** The pins are paired with compression springs to ensure constant, even pressure between the heat sink and the component, maximizing thermal transfer.
### 3. Thermal Interface Material (TIM)
This specific model usually comes with **T766** pre-applied thermal phase-change material or a thermal tape. This fills the microscopic air gaps between the component and the heat sink base.
### 4. Cooling Performance
The "Straight Fin" design is optimized for **forced air cooling** (environments with fans). The fins are spaced to allow air to flow through the channels, carrying heat away from the base.
---
### ## Common Applications
* **Networking Gear:** Cooling for routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Regulating heat in voltage converters.
- ⤷
What are the PCB hole requirements for the ATS-18F-04-C2-R0 push pins?
- ⤷ How does this heat sink compare to a cross-cut fin design?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?