ATS-18F-07-C2-R0
AI

The **ATS-18F-07-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Unducted)** | 16.97 °C/W @ 100 LFM |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Fin Pattern** | Fine-Pitch (Straight Fin) |
---
### Key Electronic & Mechanical Features
#### 1. Push-Pin Mounting System
This part uses a specific "push-pin" mechanism rather than thermal adhesive. This provides:
* **Constant Pressure:** Ensures optimal contact between the heat sink and the electronic chip.
* **Reliability:** Mechanical fasteners are less prone to failure over time compared to tapes or glues in high-vibration environments.
#### 2. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a **pre-applied thermal interface material**. This is a conductive phase-change material or grease that fills microscopic air gaps between the component and the heat sink to maximize heat transfer.
#### 3. Material Properties
* **Aluminum Construction:** Offers a balance between high thermal conductivity and low weight.
* **Blue Anodized Coating:** Provides corrosion resistance and increases the surface emissivity, slightly improving radiative heat transfer.
---
### Typical Applications
* **Integrated Circuits (ICs):** Cooling microprocessors or ASICs.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
* **Telecommunications:** Used in routers and switches where airflow is often directed through a chassis.
- ⤷
What are the airflow requirements to achieve the maximum cooling efficiency for this heat sink?
- ⤷ How do push-pin dimensions vary for different PCB thicknesses?
- ⤷ Can the pre-applied thermal interface material be replaced with aftermarket thermal paste?