ATS-18F-116-C2-R0
AI

The **ATS-18F-116-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue Ice" or "push-pin" series designed for thermal management in electronic systems.
---
### ## Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Thermal Resistance** | 3.96°C/W (at 200 LFM) |
| **Flow Orientation** | Straight Fin |
| **Mounting Hole Pattern** | 33.0mm (Diagonal) |
---
### ## Component Breakdown
#### 1. Thermal Dissipation (The Fin Design)
The device uses a **Straight Fin** geometry. This design is optimized for environments where there is a clear, directional airflow (forced convection). The aluminum construction provides high thermal conductivity, drawing heat away from the semiconductor (CPU, FPGA, or GPU) and into the ambient air.
#### 2. Mounting Mechanism: Push-Pins
The "R0" designation refers to the mounting kit:
* **Spring-loaded Push-Pins:** These provide a precise, consistent pressure against the electronic component, which improves the thermal interface material (TIM) performance.
* **Compression Springs:** These ensure that the heat sink remains secure even under mechanical vibration or thermal expansion/contraction cycles.
#### 3. Material and Finish
* **Blue Anodized Finish:** Anodizing is not just for aesthetics; it provides surface protection against corrosion and slightly increases the emissivity of the surface, which aids in radiant heat transfer.
---
### ## Applications in Electronics
This specific heat sink is typically found in:
* **Networking Hardware:** Routers, switches, and access points.
* **Embedded Systems:** Industrial PCs and motherboards.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Telecommunications:** Cooling high-speed data processing units.
---
- ⤷
What are the compatible thermal interface materials for this heat sink?
- ⤷ How does the pressure of the push-pins affect the cooling performance?
- ⤷ Is there a version of this heat sink with different height dimensions for low-profile builds?