ATS-18F-12-C2-R0
AI

The **ATS-18F-12-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series of high-performance heat sinks designed for cooling electronic components such as BGA (Ball Grid Array) packages.
---
## Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Part Number** | ATS-18F-12-C2-R0 |
| **Material** | Aluminum (Anodized Blue) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 17.78mm |
| **Thermal Resistance** | 2.10°C/W (at 200 LFM) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## Key Components and Design
### 1. Thermal Performance (Fin Design)
The part utilizes **spread-fin geometry**. Unlike standard straight-fin heat sinks, the fins are tapered and spaced to maximize surface area while minimizing pressure drop. This allows for high-efficiency cooling in systems with restricted airflow.
### 2. The maxiGRIP™ Attachment System
This is a critical electronic hardware feature of the part:
* **Plastic Frame Clip:** A high-tension clip that snaps around the component.
* **Steady Pressure:** It applies constant pressure to the thermal interface material (TIM) to ensure optimal heat transfer without requiring holes in the PCB.
* **Removability:** Allows the heat sink to be detached for rework or maintenance without damaging the chip or the board.
### 3. Thermal Interface Material (TIM)
The **C2** suffix in the part number indicates the specific thermal interface material.
* **T766:** This is a phase-change or high-conductivity thermal pad pre-applied to the base. It fills microscopic air gaps between the component die and the heat sink base.
### 4. Material and Finish
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized:** The finish provides a layer of electrical insulation and protects the aluminum from corrosion.
---
## Typical Applications
This component is designed for cooling high-power electronic devices, including:
* **ASICs and FPGAs:** Used in networking and telecommunications equipment.
* **Processors:** Used in industrial computing and embedded systems.
* **Video Controllers:** High-definition video processing units that generate significant heat.
- ⤷
What is the difference between the T766 and T412 thermal interface materials used in this series?
- ⤷ How does the maxiGRIP attachment system compare to traditional push-pin mounting?
- ⤷ Can this heat sink be used in natural convection environments without a fan?