ATS-18F-133-C2-R0
AI

The **ATS-18F-133-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18F-133-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 10.00mm |
| **Thermal Resistance** | 4.60°C/W (at 100 LFM) |
| **Fin Type** | Fine Pitch (straight fins) |
---
## Key Components and Features
### 1. The Heat Sink Body
The body is constructed from high-grade aluminum. Aluminum is preferred in electronics for its excellent balance between thermal conductivity, weight, and cost. The **Blue Anodized** coating is not just aesthetic; it provides corrosion resistance and increases surface emissivity, which slightly improves radiant heat transfer.
### 2. pushPIN™ Attachment System
This specific model uses the proprietary **pushPIN™** system. This is a critical electronic part because:
* **Precision Springs:** It uses a compression spring to provide exact pressure (Force) on the chip, ensuring maximum contact with the thermal interface material (TIM).
* **Secure Mounting:** It prevents the heat sink from shifting during vibration or shipping.
### 3. Thermal Interface Material (TIM)
The "C2" in the part number indicates the type of thermal interface material pre-applied to the base.
* **T766 Phase Change Material:** This is a high-performance pad that softens at operating temperatures to fill microscopic air gaps between the component and the heat sink.
---
## Application and Usage
### Where it is used:
* **Integrated Circuits (ICs):** Specifically high-surface-area chips that require a low-profile cooling solution (only 10mm high).
* **Networking Gear:** Routers and switches where airflow is directed across the PCB.
* **Industrial Power Supplies:** To cool MOSFETs or voltage regulators.
### Installation Code Breakdown:
```text
ATS - 18 - F - 133 - C2 - R0
| | | | | |
| | | | | +-- Revision Code
| | | | +------- Thermal Interface Material (T766)
| | | +------------- Dimensional Code (70x70mm)
| | +------------------ Fin Pitch (Fine)
| +----------------------- Series (pushPIN™)
+---------------------------- Brand (Advanced Thermal Solutions)
```
- ⤷
What is the significance of the 4.60°C/W thermal resistance rating?
- ⤷ How does the pushPIN™ system compare to traditional adhesive mounting?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?