ATS-18F-134-C2-R0
AI

The **ATS-18F-134-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for secure attachment to printed circuit boards (PCBs).
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Base Dimensions** | 70mm x 70mm |
| **Height (Fin Height)** | 20mm |
| **Thermal Resistance** | 0.88 °C/W (at 200 LFM) |
| **Fin Pattern** | Cross-Cut |
---
### 2. Key Component Features
* **High Performance:** The cross-cut fin design provides a large surface area for heat dissipation, making it suitable for high-power processors or ASICs.
* **Push-Pin Mounting:** It uses a spring-loaded brass push-pin mechanism. This ensures a consistent pressure on the component, improving thermal interface material (TIM) performance.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **SAINT-GOBAIN C8000**, which is a high-performance thermal phase change material.
* **Durability:** The blue anodized finish provides corrosion resistance and increased surface emissivity.
---
### 3. Part Number Breakdown
The part number can be decoded as follows:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **18F** | Series/Mounting type (Push-pin family) |
| **134** | Dimensional code (70x70mm footprint) |
| **C2** | Performance/Material grade |
| **R0** | Revision code / Specific packaging |
---
### 4. Application Example
In a typical PCB design, this heat sink would be mounted over a BGA (Ball Grid Array) component. Below is a conceptual representation of the mounting hole layout logic in a CAD environment:
```python
# Simplified representation of Mounting Hole Coordinates for a 70x70mm Sink
# Typically, holes are offset from the center of the component
chip_size = 70.0
hole_offset = 5.0
mounting_holes = [
{"x": -35.0 - hole_offset, "y": -35.0 - hole_offset},
{"x": 35.0 + hole_offset, "y": 35.0 + hole_offset}
]
```
- ⤷
What are the recommended airflow (LFM) requirements for this heat sink?
- ⤷ Can the push-pin hardware be replaced with screws?
- ⤷ What is the weight of the ATS-18F-134-C2-R0?