ATS-18F-166-C1-R0
AI

The **ATS-18F-166-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "push-pin" series designed for secure mounting on Printed Circuit Boards (PCBs).
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 25mm x 25mm x 15mm |
| **Fin Style** | Straight Fin (Maximized Surface Area) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 12.12°C/W (at 1.0 m/s airflow) |
| **Thermal Interface** | T766 (High Performance Phase Change) |
---
### 2. Breakdown of the Part Number
The nomenclature for ATS products follows a specific coding logic:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **18F**: Indicates the specific product family/series.
* **166**: Refers to the physical footprint and internal design code.
* **C1**: Denotes the material and finish (usually Blue Anodized Aluminum).
* **R0**: Indicates the revision number and packaging status.
---
### 3. Key Electronic Components
This part is categorized as a **Passive Cooling Device**. Its primary function is to dissipate heat generated by active electronic components.
#### A. The Heat Sink Body
The base is 25mm square, making it ideal for small ICs (Integrated Circuits), ASICs, or FPGAs. The **Straight Fin** design is optimized for environments where there is a consistent directional airflow (forced convection).
#### B. Attachment Mechanism (Push-Pins)
Unlike adhesive-based heat sinks, this model uses a **brass or plastic push-pin with a compression spring**.
* **Benefits:** Provides consistent downward pressure (load) on the chip, improving thermal transfer.
* **Reliability:** It is more vibration-resistant than thermal tape.
#### C. Thermal Interface Material (TIM)
The "C1" variant usually comes pre-applied with **T766**. This is a phase-change material that softens when the component reaches operating temperature, filling microscopic air gaps between the chip and the heat sink for maximum efficiency.
---
### 4. Application Use Cases
This heat sink is typically found in:
* **Network Switches/Routers:** Cooling small processors.
* **Embedded Systems:** For industrial computing modules.
* **Power Supplies:** Cooling voltage regulators.
- ⤷
How do I calculate the thermal resistance needed for my specific chip?
- ⤷ What is the difference between push-pin and clip-on mounting for heat sinks?
- ⤷ Can this heat sink be used in a natural convection (fanless) environment?