ATS-18F-170-C2-R0
AI

The **ATS-18F-170-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** designed for cooling integrated circuits (ICs) and other electronic components. It is manufactured by Advanced Thermal Solutions (ATS) as part of their "push pin" attachment series.
---
### ## Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Fin Style** | XCUT (Cross-Cut) |
| **Thermal Resistance** | ~10.07° C/W (at 200 LFM) |
---
### ### Key Electronic & Mechanical Features
#### 1. XCUT Fin Pattern
The "XCUT" geometry means the fins are cut in both directions. This is critical for electronics where airflow direction may be unpredictable or inconsistent. Unlike straight-fin heat sinks, the cross-cut design allows air to enter from any angle, increasing the effective surface area and turbulence for better heat dissipation.
#### 2. Push Pin Attachment
This part uses a specific mechanical mounting system:
* **Plastic Push Pins:** These snap into pre-drilled holes on the Printed Circuit Board (PCB).
* **Compression Springs:** The springs provide a precise amount of downward pressure (load), ensuring the heat sink maintains firm contact with the electronic component without damaging it.
#### 3. Material Efficiency
Made from **Aluminum 6063**, it offers a high strength-to-weight ratio and excellent thermal conductivity. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and increases the emissivity of the surface, slightly improving radiant cooling.
---
### ### Typical Applications
In a circuit design, this part is typically used for:
* **Processors (CPUs/GPUs):** Small-form-factor embedded processors.
* **FPGAs:** Field Programmable Gate Arrays that generate significant heat in compact spaces.
* **Power Supplies:** Cooling transistors or voltage regulators.
* **Telecommunications:** Network switches and routers.
---
- ⤷
What are the PCB hole requirements for mounting the ATS-18F-170-C2-R0?
- ⤷ How does the thermal resistance of this heat sink change at different airflow speeds?
- ⤷ Is there a specific thermal interface material (TIM) recommended for this model?