ATS-18F-176-C2-R0
AI

The **ATS-18F-176-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or hardware failure.
---
### 1. Key Technical Specifications
The part number provides specific data regarding its dimensions, thermal resistance, and material composition.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance (Unducted)** | 4.40 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.50 °C/W @ 100 LFM |
---
### 2. Component Design & Anatomy
This component utilizes the **pushPIN™** system, which is engineered for secure and reliable attachment to a Printed Circuit Board (PCB).
* **Fine Pitch Fins:** The "F" in the part number denotes a fine pitch fin design. This increases the surface area for heat exchange, making it ideal for high-density electronic environments with high airflow.
* **Push-Pin Mechanism:** Instead of using adhesive tape (which can degrade over time), this part uses brass or plastic pins with a stainless steel spring. This provides consistent pressure (TIM compression) and allows for easy re-work or replacement.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the CPU/GPU and the heat sink.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the nomenclature helps in identifying variants:
1. **ATS-18**: The series identifier.
2. **F**: Refers to the "Fine" fin pitch.
3. **176**: The specific internal design/dimension code.
4. **C2**: Refers to the thermal performance and material grade (Aluminum).
5. **R0**: Indicates the revision or specific packaging/material standard (Blue Anodized).
---
### 4. Applications
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and high-speed processors.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Are there different spring options available for the push-pin attachment?
- ⤷ How does Blue Anodized finish affect the thermal performance compared to Black Anodized?