AI

The **ATS-18F-180-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of their "pushPIN™" component cooling line, designed specifically for thermal management in electronics.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Brass) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 35mm |
| **Thermal Resistance** | 3.32°C/W (at 100 LFM) |
| **Fin Pattern** | Fine Pitch (straight fins) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## Key Components and Features
### 1. The Heat Sink Body
The body is constructed from **Aluminum**, which offers a balance between thermal conductivity and weight. The "180" in the part number indicates its specific fin profile and height (35mm), which provides a large surface area for heat dissipation in vertical spaces.
### 2. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, this uses a spring-loaded push-pin system.
- **Benefits:** Provides consistent pressure to the processor or component, ensuring maximum contact with the Thermal Interface Material (TIM).
- **Durability:** Allows for easy removal and re-installation without damaging the PCB.
### 3. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**, a high-performance thermal grease. This fills the microscopic air gaps between the component (like a CPU, FPGA, or GPU) and the heat sink base to maximize heat transfer efficiency.
### 4. Blue Anodized Finish
The blue coating is not just for aesthetics; **Anodization** increases corrosion resistance, provides electrical insulation (surface-level), and slightly improves thermal emissivity.
---
## Performance Data (Thermal Resistance)
Thermal resistance measures the component's ability to dissipate heat. Lower values indicate better cooling.
| Air Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Unducted Flow (°C/W)** | 3.32 | 1.61 | 1.20 |
---
### Typical Applications
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** High-heat industrial controllers.
* **Power Electronics:** Transistors and MOSFET arrays that require secure, mechanical mounting.
- ⤷What is the difference between T766 and other thermal interface materials?
- ⤷ How do I calculate the required hole pattern for the push-pin mounting?
- ⤷ Can this heat sink be used with a fan attachment?