ATS-18F-197-C2-R0
AI

The **ATS-18F-197-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS Assembly |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance (Unducted)** | 10.90 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 3.56 °C/W @ 100 LFM |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 10mm |
---
### 2. Physical Design and Construction
* **Fin Profile (Cylindrical):** This model uses a **cross-cut** or "Pin Fin" design. This allows for multi-directional airflow, making it ideal for systems where the direction of the cooling air is not strictly horizontal or vertical.
* **Base Plate:** A flat aluminum base that makes direct contact with the electronic component (IC).
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a spring-loaded push-pin mechanism.
* **Advantage:** Provides consistent downward pressure for better thermal interface contact.
* **Reliability:** It is more secure against mechanical shocks and vibrations compared to thermal tape.
---
### 3. Thermal Performance Analysis
The efficiency of this part is measured by its **Thermal Resistance**. A lower number indicates better heat dissipation.
* **Natural Convection:** Without a fan, the resistance is high (10.90 °C/W).
* **Forced Convection:** In a chassis with high-speed fans (e.g., 700 LFM), the resistance drops significantly (approx. 1.81 °C/W), allowing it to handle much higher TDP (Thermal Design Power) components.
---
### 4. Application and Use-Cases
1. **Network Switches/Routers:** Ideal for high-speed processors in cramped network enclosures.
2. **Embedded Systems:** Used on SoCs (System on Chips) where height is restricted (only 10mm tall).
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ Which thermal interface material (TIM) is recommended for this heat sink?
- ⤷ How do I calculate the correct push-pin size for my PCB thickness?