ATS-18F-198-C2-R0
AI

The **ATS-18F-198-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS Assembly |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 9.06 °C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Fin Type** | Cross-Cut |
---
### 2. Design Characteristics
#### A. Fin Design (Cross-Cut)
Unlike straight-fin heat sinks, the **Cross-Cut** pattern creates a matrix of small pins/fins. This design is highly efficient because:
* It increases the surface area for heat dissipation.
* It allows for **omni-directional airflow**, meaning air can enter from any side of the heat sink, making it versatile for complex PCB layouts.
#### B. Attachment Mechanism: pushPIN™
The "C2" in the part number refers to the attachment kit. The pushPIN™ system includes:
* **Compression Springs:** Provides precise pressure (Force) to ensure optimal contact with the component (Thermal Interface Material efficiency).
* **Brass/Plastic Push Pins:** Securely locks the heat sink into pre-drilled holes on the PCB.
#### C. Thermal Interface Material (TIM)
This specific model typically comes with **T766** pre-applied. T766 is a high-performance thermal phase-change material that fills the microscopic air gaps between the heat sink base and the electronic chip.
---
### 3. Application & Use Cases
This heat sink is categorized as a "High-Performance" cooling solution, typically found in:
1. **Telecommunications:** Networking switches and routers.
2. **Industrial PCs:** Compact computers requiring passive or active forced-air cooling.
3. **Power Supplies:** Cooling MOSFETs or voltage regulators.
---
### 4. Thermal Performance Comparison
The performance of the ATS-18F-198-C2-R0 varies significantly based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity | 100 LFM (0.5 m/s) | 400 LFM (2.0 m/s) | 700 LFM (3.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance** | 9.06 °C/W | 4.42 °C/W | 3.53 °C/W |
- ⤷
How do I calculate the correct hole diameter on the PCB for the pushPIN attachment?
- ⤷ What is the difference between Blue Anodized and Gold Anodized finishes in terms of thermal performance?
- ⤷ Can this heat sink be used without a fan (Passive Cooling)?