Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-18F-201-C2-R0

  • AI
    The **ATS-18F-201-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and surface-mount devices (SMDs). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Type** | Top Mount Heat Sink | | **Attachment Method** | Push Pin (Spring-loaded) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 8.17°C/W (at 100 LFM) | | **Dimensions** | 50mm x 50mm x 10mm | --- ### 2. Physical Design and Features * **Finned Profile:** It features a **Straight-Fin** design. This allows for optimal airflow in a single direction, effectively transferring heat from the base plate to the surrounding air. * **Push Pin Attachment:** Unlike adhesive-based sinks, this uses a push-pin mechanism. This provides a constant, reliable pressure against the component, improving thermal interface performance and allowing for easier removal/rework. * **C2 Material/Finish:** The "C2" suffix indicates it is made of aluminum with a **Blue Anodized** finish, which provides corrosion resistance and increased emissivity. * **Low Profile:** With a height of only 10mm, it is ideal for space-constrained enclosures where vertical clearance is limited. --- ### 3. Part Number Breakdown Understanding the nomenclature helps identify the exact variant: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **18** | Series Identifier | | **F** | Fin Pitch (Fine/Standard) | | **201** | Specific Geometry/Size Code | | **C2** | Blue Anodized Finish | | **R0** | RoHS Compliant / Revision Status | --- ### 4. Typical Applications * **CPU/GPU Cooling:** Small-scale processing units. * **Power Supplies:** High-voltage regulators and converters. * **Telecommunications:** Networking gear and high-speed routers. * **Industrial Controls:** Cooling for motor drivers and logic controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact thermal resistance of this heat sink at 400 LFM?
    • ⤷ How do push-pin attachments compare to thermal tape for heat dissipation?
    • ⤷ Does this model come with pre-applied thermal interface material (TIM)?