ATS-18F-204-C2-R0
AI

The **ATS-18F-204-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 54.00mm x 54.00mm |
| **Height (Fin)** | 12.00mm |
| **Pitch** | Fine Pitch |
| **Thermal Resistance** | 7.43 °C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Design Characteristics
The part is engineered for specific airflow conditions and mechanical reliability:
* **Fin Configuration:** It uses a **Cross-Cut** design. This allows airflow from multiple directions, making it more versatile than straight-fin designs in congested PCB layouts.
* **Attachment Mechanism:** The `pushPIN™` system consists of a brass or plastic pin and a compression spring. This ensures a consistent pressure (load) on the electronic component, which optimizes heat transfer through the Thermal Interface Material (TIM).
* **Thermal Performance:** The performance varies significantly based on airflow (measured in Linear Feet per Minute - LFM):
* **Low Airflow (1.0 m/s):** ~7.43 °C/W
* **High Airflow (3.5 m/s):** ~2.31 °C/W
---
### 3. Part Number Breakdown
The nomenclature follows a specific logic:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **18** | Series Identifier |
| **F** | Fin Style (Fine Pitch) |
| **204** | Specific Model/Size Reference |
| **C2** | Color/Finish (Blue Anodized) |
| **R0** | RoHS Compliant / Revision State |
---
### 4. Typical Applications
This heat sink is commonly found in:
* **Networking Hardware:** Switches and routers.
* **Power Supplies:** High-efficiency DC-DC converters.
* **Embedded Systems:** Industrial PCs and FPGA cooling.
* **Consumer Electronics:** High-speed processors requiring a low-profile (12mm) solution.
- ⤷What is the difference between T766 and other thermal interface materials?
- ⤷ How does the pushPIN mounting system compare to adhesive tapes?
- ⤷ What are the recommended hole diameters for the pushPIN installation?