ATS-18F-208-C2-R0
AI

The **ATS-18F-208-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 70.00mm x 70.00mm |
| **Height** | 6.00mm (Low Profile) |
| **Fin Style** | XCUT (Cross-cut) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | ~6.69°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. XCUT Fin Design
Unlike standard straight-fin heat sinks, the XCUT design features a grid-like pattern. This allows for **multi-directional airflow**, meaning the heat sink remains effective even if the cooling fan is not perfectly aligned or if the internal case airflow is turbulent.
#### B. Push-Pin Attachment
The "-R0" designation typically refers to the attachment kit. The push-pin mechanism provides:
* **Constant Pressure:** Ensures the base of the heat sink maintains firm contact with the chip.
* **Reliability:** More secure than adhesive tapes in high-vibration environments.
#### C. Low Profile (6mm)
At only 6mm tall, this part is specifically engineered for **1U servers** or small form factor (SFF) electronics where vertical space is extremely limited.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **18F:** Series designation (often refers to fin density/style).
* **208:** Specific dimensional footprint (70x70mm).
* **C2:** Material/Finish code (Blue Anodized Aluminum).
* **R0:** Revision/Packaging/Attachment specific code.
---
### 4. Application Use Cases
* **Network Switches:** Cooling ASICs in shallow rack-mount hardware.
* **Embedded Systems:** Industrial PCs where vertical clearance is restricted.
* **Power Electronics:** Dissipating heat from large surface-mount MOSFETs or IGBTs.
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal performance?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?