ATS-18F-30-C3-R0
AI

## Technical Overview: ATS-18F-30-C3-R0
The **ATS-18F-30-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide high thermal performance in restricted airflow environments.
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 1.35°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 57.00mm x 57.00mm x 25.00mm |
| **Thermal Interface Material (TIM)** | T412 (High-performance pre-applied pad) |
---
### 2. Component Breakdown
#### A. The Fin Design (maxiFLOW™)
Unlike standard extruded heat sinks, this part uses a **flared fin geometry**. This design maximizes the surface area for convective heat transfer while minimizing pressure drop. It is particularly effective in systems where air is forced across the board.
#### B. The Attachment System (pushPIN™)
The "R0" suffix refers to the specific attachment kit. This part uses a **brass push-pin** mechanism:
* **Ease of Assembly:** Features a flexible, built-in spring that provides precise pressure to the processor or component.
* **Stability:** Ensures the heat sink remains in contact with the heat source even under mechanical shock or vibration.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T412**. This is a phase-change material or high-performance pad that fills microscopic air gaps between the heat sink base and the electronic component (CPU/GPU/FPGA), significantly reducing thermal resistance.
---
### 3. Application Use Cases
This part is commonly used to cool high-power integrated circuits, such as:
1. **Network Switches and Routers:** Where dense packaging requires high airflow efficiency.
2. **FPGA/ASIC Cooling:** For high-speed data processing units that generate significant heat.
3. **Industrial Power Supplies:** Where mechanical reliability and thermal dissipation are critical.
---
### 4. Performance Metrics
Thermal performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
|:---|:---|
| 200 (1.0 m/s) | 1.35 |
| 400 (2.0 m/s) | 0.85 |
| 600 (3.0 m/s) | 0.60 |
- ⤷
What are the specific hole patterns required on the PCB for the pushPIN™ attachment?
- ⤷ How does the T412 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in natural convection environments without fans?