ATS-18F-45-C3-R0
AI

## Overview of ATS-18F-45-C3-R0
The **ATS-18F-45-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of surface-mount electronic components like CPUs, GPUs, or power regulators.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Product Series** | pushPIN™ |
| **Heat Sink Type** | Fin-Type (Straight Fin) |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push Pin (Spring-loaded) |
| **Dimensions** | 30mm x 30mm |
| **Height (Fin)** | 25mm |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T412 (Phase-change or high-performance pad) |
---
### 2. Physical Design Features
* **Fin Geometry:** Features a straight-fin design that allows for maximum surface area while facilitating airflow from cooling fans.
* **Push-Pin Attachment:** The "R0" designation refers to the attachment kit. It uses a flexible, spring-loaded mechanism that ensures even pressure across the chip, improving thermal transfer and preventing mechanical damage during vibration.
* **Material:** Constructed from high-quality Aluminum 6063, which provides a balance between weight and thermal conductivity.
* **Anodized Finish:** The Blue Anodized coating is not just aesthetic; it provides corrosion resistance and increases surface emissivity for better radiant heat loss.
---
### 3. Thermal Performance Data
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). A lower number indicates better cooling efficiency.
| Airflow Velocity (LFM) | Thermal Resistance (Unducted) | Thermal Resistance (Ducted) |
| :--- | :--- | :--- |
| 100 LFM (0.5 m/s) | ~7.00 °C/W | ~2.50 °C/W |
| 300 LFM (1.5 m/s) | ~3.00 °C/W | ~1.60 °C/W |
| 500 LFM (2.5 m/s) | ~2.10 °C/W | ~1.30 °C/W |
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **18:** Series number.
* **F:** Fin pitch/style (e.g., Fine).
* **45:** Specific geometry/sizing identifier.
* **C3:** Material/Finish/Hardware combination.
* **R0:** Revision or packaging/kit status.
---
### 5. Application Use Cases
1. **Telecommunications:** Cooling network switches and routers.
2. **Industrial PCs:** Heat dissipation for processors in fanless or low-airflow environments.
3. **Power Electronics:** Cooling MOSFETs or IGBTs in power supply units.
4. **Embedded Systems:** High-density PCBs where vertical space is available but footprint is limited (30x30mm).
- ⤷
What is the difference between the T412 and other Thermal Interface Materials used in the pushPIN series?
- ⤷ How do I calculate the correct Push Pin hole spacing for this specific heat sink model?
- ⤷ Does this model come in different anodized colors for different thermal emissivity levels?