ATS-18F-60-C2-R0
AI

The **ATS-18F-60-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the blue-anodized "push-pin" series designed for cooling Integrated Circuits (ICs).
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-18F-60-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 36.83mm x 36.83mm x 25.00mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 1.45°C/W (at 200 LFM) |
---
### 2. Key Features and Design
#### A. Fin Geometry
* **Design:** The heat sink utilizes a **Straight Fin** design.
* **Function:** Straight fins allow for consistent airflow in a specific direction, making them ideal for systems with clear intake and exhaust paths.
#### B. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the **ATS-18F-60-C2-R0** uses a mechanical fastening system:
* **Push-Pins:** Two brass pins are pushed through pre-drilled holes in the PCB.
* **Compression Springs:** These ensure a consistent downward force on the component (CPU, FPGA, etc.), maximizing contact with the thermal interface material (TIM).
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; it provides corrosion resistance and increases the surface emissivity, slightly improving radiation cooling.
---
### 3. Thermal Performance Profile
Thermal resistance is critical for determining how much heat the part can dissipate. For the ATS-18F-60-C2-R0, performance varies by airflow speed:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 1.45 |
| **300 (1.5 m/s)** | 1.15 |
| **400 (2.0 m/s)** | 1.00 |
---
### 4. Typical Applications
This specific model is frequently found in high-heat density electronic environments:
1. **Networking Hardware:** Switches and Routers.
2. **Industrial Computing:** Embedded systems and Single Board Computers (SBCs).
3. **Power Electronics:** Power supplies and MOSFET modules.
4. **Processors:** Cooling for FPGAs and ASICs that generate significant localized heat.
- ⤷
What are the recommended PCB hole sizes for the push-pin mounting of this heat sink?
- ⤷ Does this model come with a pre-applied Thermal Interface Material (TIM)?
- ⤷ How does the 'C2' designation in the part number affect the thermal properties?