ATS-18F-63-C1-R0
AI

The **ATS-18F-63-C1-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic devices like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin pattern, and material properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (typically blue anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Thermal Resistance** | ~2.85°C/W (at 200 LFM) |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
Each segment of the part number `ATS-18F-63-C1-R0` indicates a specific physical or thermal characteristic:
* **ATS-18**: Refers to the product series (pushPIN™ Heat Sink).
* **F**: Indicates the fin density or specific thermal profile.
* **63**: A unique code for the specific size and fin configuration.
* **C1**: Denotes the material and finish (Blue Anodized Aluminum).
* **R0**: Indicates the revision level or packaging standard.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it has no electrical circuits), it is vital for the **Thermal Management** of electronic systems:
1. **Conduction**: It draws heat away from the semiconductor die via physical contact through the Thermal Interface Material (TIM).
2. **Convection**: The high-density straight fins increase the surface area, allowing airflow (from a fan or natural air) to carry heat away into the environment.
3. **Stability**: By maintaining low operating temperatures, it prevents **Thermal Throttling** and extends the Mean Time Between Failures (MTBF) of the electronic component it covers.
---
### 4. Mounting System
The **pushPIN™** system used in this part is an industry standard for securing heat sinks to PCBs. It consists of:
* **Brass/Plastic Pins**: To insert into pre-drilled PCB holes.
* **Compression Springs**: To provide precise, constant pressure for maximum thermal transfer without damaging the electronic chip.
---
- ⤷
What are the alternative thermal interface materials (TIM) available for this series?
- ⤷ How do I calculate if the 2.85°C/W thermal resistance is sufficient for my specific chip?
- ⤷ Can this heat sink be used with a custom clip if the pushPIN holes are not available?