ATS-18F-67-C2-R0
AI

The **ATS-18F-67-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (H)** | 10mm |
| **Thermal Resistance** | ~11.0°C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Components & Features
#### A. Fin Design (Cross-Cut)
This model features a **Cross-Cut** fin pattern. Unlike straight fins, cross-cut fins allow for "multi-directional" airflow. This makes the heat sink effective even if the airflow direction is inconsistent or restricted within the enclosure.
#### B. pushPIN™ Attachment System
The part utilizes the **pushPIN™** system, which consists of:
* **Brass/Plastic Pins:** Used to secure the sink to the PCB.
* **Compression Springs:** Ensure consistent pressure on the component (IC) to maximize heat transfer.
* **Pre-drilled Holes:** Requires specific hole patterns on the PCB for mounting.
#### C. Thermal Interface Material (TIM)
The heat sink comes with **T766** phase-change material pre-applied to the bottom surface. This eliminates the need for manual application of thermal paste and ensures a low-resistance path between the component and the aluminum fins.
---
### 3. Application Use Cases
This specific heat sink is typically used in space-constrained environments where low-profile cooling is required:
* **Telecommunications:** Network switches and routers.
* **Embedded Computing:** Industrial PC boards.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
---
### 4. Thermal Performance Comparison
Typical performance based on airflow (Air Velocity):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural Conv.) | 14.50 |
| 200 | 11.00 |
| 400 | 7.50 |
| 600 | 5.80 |
---
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment?
- ⤷ How does the blue anodized finish affect the thermal performance?
- ⤷ Can this heat sink be used with a custom fan assembly?