ATS-18F-76-C3-R0
AI

The **ATS-18F-76-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" series, which is engineered for secure and efficient cooling of electronic components such as CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18F-76-C3-R0 |
| **Fin Type** | Straight Fin |
| **Dimensions** | 25mm x 25mm x 15mm |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | ~11.84°C/W (at 200 LFM) |
| **Thermal Interface (TIM)** | T412 (Pre-applied) |
---
### 2. Key Component Breakdown
#### A. The Fin Profile (Straight Fin)
The "Straight Fin" design is optimized for environments with **unobstructed airflow**. The vertical fins allow air to flow through the length of the heatsink, maximizing the surface area to volume ratio for heat dissipation.
#### B. Push-Pin Attachment
The `-R0` suffix indicates the attachment mechanism. Push-pins provide:
* **Constant Pressure:** Ensures a tight seal between the component and the heatsink.
* **Ease of Assembly:** Quick installation through pre-drilled holes in the PCB.
* **Mechanical Stability:** Prevents the heatsink from shifting during transport or vibration.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T412 thermal tape**. This is a high-performance conductive adhesive that eliminates the need for messy thermal grease, ensuring uniform contact between the electronic component and the aluminum base.
#### D. Material and Coating
The aluminum construction provides a lightweight yet thermally conductive base. The **Blue Anodized** finish is not just aesthetic; it provides:
* Increased corrosion resistance.
* Improved surface emissivity (radiant heat transfer).
* Electrical insulation on the surface.
---
### 3. Common Applications
* **Telecommunications:** Cooling of high-speed networking chips.
* **Embedded Systems:** Thermal management for compact processors on motherboards.
* **Power Electronics:** Heat dissipation for MOSFETs and voltage regulators.
- ⤷
What are the airflow requirements to achieve the optimal 11.84°C/W thermal resistance?
- ⤷ Are there alternative push-pin materials available for high-vibration environments?
- ⤷ How does the T412 interface material compare to phase-change materials for this part?